Part Number Hot Search : 
1N6839LL 400AA 1001C 2012H IRLML250 ST110056 E28F320 1001C
Product Description
Full Text Search
 

To Download NMC-H1210NPO102J500TRPLPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Chip Capacitors
FEATURES * HIGH VOLTAGE 200Vdc ~ 3KVdc * NPO AND X7R DIELECTRICS * 0603, 0805, 1206, 1210, 1808 AND 1812 SIZES * NICKEL BARRIER TERMINATION AND EXCELLENT MECHANICAL STRENGTH
SPECIFICATIONS Operating Temperature Range Temperature Characteristic Dissipation Factor Insulation Resistance Capacitance Range Capacitance Tolerance Rated Voltage Dielectric Withstanding Voltage Test Conditions (C & DF)
NMC-H Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details
NPO X7R -55C ~ +125C -55C ~ +125C 30ppm 15% < 0.1% < 2.5% > 500Meg or 500Meg-F whichever is less Test Method: Voltage rating < 500V measured after 1 minute at rated voltage, Voltage rating > 500V measured after 1 minute at 500V 0.22pF ~ 0.0056F 150pF ~ 0.47F 0.1pF(B), 0.25pF(C), 0.5pF(D) 5%(J), 10%(K), 20(M) 1%(F), 2%(G), 5%(J), 10%(K), 20(M) 250Vdc ~ 3KVdc Working Voltage 200 & 250Vdc x 1.5 + 100Vdc for 5 seconds Working Voltage 500Vdc x 1.5 for 5 seconds Working Voltage greater than 500Vdc x 1.2 for 5 seconds C < 1000pF = 1MHz, 1Vrms @ 25C 1KHz, 1Vrms @ 25C C < 1000pF = 1KHz, 1Vrms @ 25C
PART NUMBER SYSTEM NMC-H 1210 NPO 102 J 1KV TRP or TRPLP F
RoHS compliant Tape & Reel (Embossed Plastic Carrier) Tape & Reel (Paper carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros, "R" indicates decimal for under 10pF Temperature Characteristic Size Code (see chart) Series
CONSTRUCTION
W
H P L 100% Sn over Ni barrier (R)
P
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
25
Multilayer Ceramic Chip Capacitors
EIA Case Size Length (L) Width (W) Thickness (T) Termination Width (P) Capacitance 0.22pF ~ 8.2pF 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0068 0.0082 0.01 0603 1.6 0.10 0.80 0.10 0.90 max. 0.25 ~ 0.65 200 250 200 0805 2.0 0.15 1.25 0.10 1.45 max. 0.25 ~ 0.75 250 500 200 1206 3.2 0.15 1.6 0.20 1.80 max. 0.25 ~ 0.80 Working Voltage (Vdc) 250 500 1KV
NMC-H NPO Series
NPO-HIGH VOLTAGE SIZE CHART (mm)
1210 3.2 0.30 2.5 0.20 2.60 max. 0.25 ~ 1.00 2KV 200 250 500 1KV 2KV
(R)
26
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
EIA Case Size Length (L) Width (W) Thickness (T) Termination Width (P) Capacitance 0.22pF ~ 8.2pF 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 1808 4.6 0.40 2.0 0.30 2.20 max. 0.25 ~ 0.75
NMC-H NPO Series
NPO-HIGH VOLTAGE SIZE CHART (mm)
1812 1825 4.6 0.30 4.6 0.30 3.2 0.30 6.35 0.40 3.00 max. 3.00 max. 0.25 ~ 0.75 0.3 ~ 1.05 Working Voltage (Vdc) 200 250 500 1KV 2KV 3KV 200 250 500 1KV 2KV 3KV 250 500 1K 2K
2220 5.7 0.40 5.00 0.40 3.00 max. 0.30 ~ 1.10 1K
2225 5.70 0,40 6.35 0.40 3.00 max. 0.30 ~ 1.10 250 500 1K
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
27
Multilayer Ceramic Chip Capacitors
EIA Case Size Length (L) Width (W) Thickness (T) Termination Width (P) Capacitance 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 200 0805 2.0 0.1 1.25 0.1 1.45 max. 0.25 ~ 0.75 250 500 200 250 1206 3.2 0.15 1.6 0.15 1.80 max. 0.25 ~ 0.75 Working Voltage (Vdc) 500 1KV 2KV 2.5KV
NMC-H X7R Series
X7R-HIGH VOLTAGE SIZE CHART (mm)
1210 3.2 0.2 2.5 0.2 2.20 max. 0.25 ~ 0.75 200 250 500 1KV 2KV
(R)
28
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
EIA Case Size Length (L) Width (W) Thickness (T) Termination Width (P) Capacitance 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.5 2.2 1812 1825 4.6 0.4 4.6 0.30 3.2 0.3 6.35 0.40 2.20 max. 3.00 max. 0.30 min. 0.3 ~ 1.05 Working Voltage (Vdc) 200 250 500 1KV 2KV 3KV 200 250 500 1KV 2KV 3KV 250 500 1K 1808 4.6 0.4 2.0 0.3 2.20 max. 0.30 min.
NMC-H X7R Series
X7R-HIGH VOLTAGE SIZE CHART (mm)
2220 5.7 0.40 5.00 0.40 3.00 max. 0.30 ~ 1.10 250 500 1K 2225 5.70 0,40 6.35 0.40 3.00 max. 0.30 ~ 1.10 250 500 1K
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
29


▲Up To Search▲   

 
Price & Availability of NMC-H1210NPO102J500TRPLPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X